Part Number Hot Search : 
258829 M09H05 LLM317 GC562 TA761 BPC3510 DS2200 MUR405RL
Product Description
Full Text Search
 

To Download BZX55C0V8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx55c silicon planar zener diodes the zener voltages are graded according to the international e24 standard. other tolerances and higher zener voltages are upon request. absolute maximum ratings (t a = 25 o c) parameter symbol value unit power dissipation p tot 500 1) mw junction temperature t j 175 o c storage temperature range t stg - 55 to + 175 o c 1) valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. characteristics at t a = 25 o c parameter symbol max. unit thermal resistance junction to ambient air r tha 0.3 1) k/mw forward voltage at i f = 100 ma v f 1 v 1) valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. max. 3.9 max. 1.9 glass case do-35 max. 0.5 min. 27.5 min. 27.5 xxx cathode band part no. dimensions in mm black black
bzx55c type zener voltage range 1) dynamic resistance reverse leakage current temp. coefficient of zener voltage v znom v zt at i zt z zt z zk at i zk t a =25 o ct a =125 o c i r at v r (v) (v) (ma) max. ( ? )max. ( ? ) (ma) max. (a) max. (a) (v) tkvz (%/k) BZX55C0V8 2) 0.8 0.73...0.83 5 8 50 1 - - - -0.26...-0.23 bzx55c2v0 2 1.8...2.15 5 85 600 1 100 200 1 -0.09...-0.06 bzx55c2v2 2.2 2.08...2.33 5 85 600 1 75 160 1 -0.09...-0.06 bzx55c2v4 2.4 2.28...2.56 5 85 600 1 50 100 1 -0.09...-0.06 bzx55c2v7 2.7 2.5...2.9 5 85 600 1 10 50 1 -0.09...-0.06 bzx55c3v0 3 2.8...3.2 5 85 600 1 4 40 1 -0.08...-0.05 bzx55c3v3 3.3 3.1...3.5 5 85 600 1 2 40 1 -0.08...-0.05 bzx55c3v6 3.6 3.4...3.8 5 85 600 1 2 40 1 -0.08...-0.05 bzx55c3v9 3.9 3.7...4.1 5 85 600 1 2 40 1 -0.08...-0.05 bzx55c4v3 4.3 4...4.6 5 75 600 1 1 20 1 -0.06...-0.03 bzx55c4v7 4.7 4.4...5 5 60 600 1 0.5 10 1 -0.05...+0.02 bzx55c5v1 5.1 4.8...5.4 5 35 550 1 0.1 2 1 -0.02...+0.02 bzx55c5v6 5.6 5.2...6 5 25 450 1 0.1 2 1 -0.05...+0.05 bzx55c6v2 6.2 5.8...6.6 5 10 200 1 0.1 2 2 0.03...0.06 bzx55c6v8 6.8 6.4...7.2 5 8 150 1 0.1 2 3 0.03...0.07 bzx55c7v5 7.5 7...7.9 5 7 50 1 0.1 2 5 0.03...0.07 bzx55c8v2 8.2 7.7...8.7 5 7 50 1 0.1 2 6.2 0.03...0.08 bzx55c9v1 9.1 8.5...9.6 5 10 50 1 0.1 2 6.8 0.03...0.09 bzx55c10 10 9.4...10.6 5 15 70 1 0.1 2 7.5 0.03...0.1 bzx55c11 11 10.4...11.6 5 20 70 1 0.1 2 8.2 0.03...0.11 bzx55c12 12 11.4...12.7 5 20 90 1 0.1 2 9.1 0.03...0.11 bzx55c13 13 12.4...14.1 5 26 110 1 0.1 2 10 0.03...0.11 bzx55c15 15 13.8...15.6 5 30 110 1 0.1 2 11 0.03...0.11 bzx55c16 16 15.3...17.1 5 40 170 1 0.1 2 12 0.03...0.11 bzx55c18 18 16.8...19.1 5 50 170 1 0.1 2 13 0.03...0.11 bzx55c20 20 18.8...21.2 5 55 220 1 0.1 2 15 0.03...0.11 bzx55c22 22 20.8...23.3 5 55 220 1 0.1 2 16 0.04...0.12 bzx55c24 24 22.8...25.6 5 80 220 1 0.1 2 18 0.04...0.12 bzx55c27 27 25.1...28.9 5 80 220 1 0.1 2 20 0.04...0.12 bzx55c30 30 28...32 5 80 220 1 0.1 2 22 0.04...0.12 bzx55c33 33 31...35 5 80 220 1 0.1 2 24 0.04...0.12 bzx55c36 36 34...38 5 80 220 1 0.1 2 27 0.04...0.12 bzx55c39 39 37...41 2.5 90 500 0.5 0.1 5 30 0.04...0.12 bzx55c43 43 40...46 2.5 90 500 0.5 0.1 5 33 0.04...0.12 bzx55c47 47 44...50 2.5 110 600 0.5 0.1 5 36 0.04...0.12 bzx55c51 51 48...54 2.5 125 700 0.5 0.1 10 39 0.04...0.12 bzx55c56 56 52...60 2.5 135 700 0.5 0.1 10 43 0.04...0.12 bzx55c62 62 58...66 2.5 150 1000 0.5 0.1 10 47 0.04...0.12 bzx55c68 68 64...72 2.5 200 1000 0.5 0.1 10 51 0.04...0.12 bzx55c75 75 70...79 2.5 250 1000 0.5 0.1 10 56 0.04...0.12 1) tested with pulses t p = 20 ms. 2) the BZX55C0V8 is a silicon diode with operation in forward dire ction. hence, the index of a ll parameters should be "f" instead of "z". connect the cathode lead to the negative pole.
bzx55c


▲Up To Search▲   

 
Price & Availability of BZX55C0V8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X